データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DGP30E48S5 データシート(PDF) 2 Page - Power-One

部品番号 DGP30E48S5
部品情報  SINGLE OUTPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  POWER-ONE [Power-One]
ホームページ  http://www.power-one.com
Logo POWER-ONE - Power-One

DGP30E48S5 データシート(HTML) 2 Page - Power-One

  DGP30E48S5 Datasheet HTML 1Page - Power-One DGP30E48S5 Datasheet HTML 2Page - Power-One DGP30E48S5 Datasheet HTML 3Page - Power-One DGP30E48S5 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
DGP30 SERIES – SINGLE OUTPUT
NOTES
(1)
All parameters measured at Tc=25 °C case temperature, nominal input voltage and full rated load
unless otherwise noted. Refer to the Technical Reference Section for definition of terms,
measurement circuits and other information.
(2)
Minimum load required for rated regulation only. Module will not be damaged if run at less than
minimum load.
(3)
Short term stability is specified after a 30 minute warm-up at full load, and with constant line, load
and ambient conditions.
(4)
The input ripple rejection is specified for DC to 120Hz ripple with a modulation amplitude of 1% Vin.
(5)
Noise is measured per Technical Reference Section. Output noise is measured with a 1µF tantalum
capacitor connected 1” from the output pins.
www.power-one.com
www.power-one.com
For the Most Up-To-Date Information
24 Hours/Day—7 Days/Week
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com