| データシートサーチシステム |
|
TL072CDR データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CDR データシート(HTML) 13 Page - Texas Instruments |
|
13 / 40 page ![]() TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS† 0 ° 45 ° 180 ° 135 ° 90 ° 1 1 f − Frequency − Hz 10 M 106 10 100 1 k 10 k 100 k 1 M 101 102 103 104 105 Differential Voltage Amplification VCC± = ±5 V to ±15 V RL = 2 kΩ TA = 25°C Phase Shift LARGE-SIGNAL DIFFERENTIAL VOLTAGE AMPLIFICATION AND PHASE SHIFT vs FREQUENCY Figure 12 1.02 1.01 1 0.99 0.98 1.03 0.97 −75 0.7 TA − Free-Air Temperature − °C 125 1.3 −50 −25 0 25 50 75 100 0.8 0.9 1 1.1 1.2 Unity-Gain Bandwidth VCC± = ±15 V RL = 2 kΩ f = B1 for Phase Shift NORMALIZED UNITY-GAIN BANDWIDTH AND PHASE SHIFT vs FREE-AIR TEMPERATURE Phase Shift Figure 13 † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |