データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CJ1W-CLK データシート(PDF) 4 Page - Omron Electronics LLC

部品番号 CJ1W-CLK
部品情報  SYSMAC CJ-series Controller Link Units
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1W-CLK データシート(HTML) 4 Page - Omron Electronics LLC

  CJ1W-CLK Datasheet HTML 1Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 2Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 3Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 4Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 5Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 6Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 7Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 8Page - Omron Electronics LLC CJ1W-CLK Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
CJ1W-CLK
• Model Numbers
• Optical Connector Assembly Tool
Note: There is a risk of quality problems when using cables assembled by typical users, so we recommend purchasing cables with preattached
connectors or having a qualified technician assemble the cables.
GI Optical Cables
A qualified technician must select, assemble, and install GI Optical Fiber Cable, so always let an optical cable specialist handle the GI cable.
Usable Optical Cables and Optical Connectors
• Optical fiber types: Graded, indexed, multi-mode, all quartz glass, fiber (GI-type AGF cable)
• Optical fiber construction (core diameter/clad diameter): 62.5/125 μm or 50/125 μm
• Optical fiber optical characteristics of optical fiber: Refer to the tables.
• Optical connector: ST connector (IEC-874-10)
• 50/125 μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak
wavelength of the test light source.
• 62.5/125 μm AGF Cable
Lf is fiber length in km, Ta is ambient temperature, and
λ is the peak
wavelength of the test light source.
International Standards
• The standards indicated in the "Standards" column are those current for UL, CSA, cULus, cUL, NK, and Lloyd standards and EC Directives as
of the end of July 2007. The standards are abbreviated as follows: U: UL, U1: UL (Class I Division 2 Products for Hazardous Locations), C: CSA,
UC: cULus, UC1: cULus (Class I Division 2 Products for Hazardous Locations), CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Ask your OMRON representative for the conditions under which the standards were met.
@@@
@@@
201
501
102
152
202
Length
2 m
5 m
10 m
15 m
20 m
20
25
Number Connector lock
Half-lock
Full-lock
(1) 2 m, 5 m, 10 m, 15 m, or 20 m
S3200-CN
@@@
@@@-20-25
1.
2.
3.
3. Specify the
cable length
in meters.
(2) 21 m or longer
S3200-CN-20-20
1.
2. Cable length
3. Connectors (both ends)
1. H-PCF
Optical Fiber Cable
Cable length
Name
Applicable Unit
Model
Manufacturer
Standards
Optical Fiber
Assembly Tool
(See note.)
This tool is used on site for mounting crimp-cut
connectors and hard plastic-clad silica optical fiber
for optical transmission systems of SYSMAC
C-series SYSBUS, SYSMAC LINK, and Controller
Link.
CAK-0057
Sumitomo Electric
Industries, Ltd.
Item
Minimum
Standard
Maximum
Conditions
Numerical
Aperture (N.A)
0.21
−−
Transmission
loss (dB)
−−
3.0Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.0Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.0Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
500
−−
λ = 0.85 μm (LD)
Item
Minimum
Standard
Maximum
Conditions
Numerical
Aperture (N.A)
0.28
−−
Transmission
loss (dB)
−−
3.5Lf
0.5 km
≤ Lf
λ = 0.8 μm
Ta = 25
°C
3.5Lf+0.2
0.2 km
≤ Lf
≤ 0.5 km
3.5Lf+0.4
Lf
≤ 0.2 km
Connection
loss (dB)
−−
1.0
λ = 0.8 μm, one location
Transmission
bandwidth
(MHz-km)
200
−−
λ = 0.85 μm (LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com