| データシートサーチシステム |
|
E5GN-R2HT-C データシート(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5GN-R2HT-C データシート(HTML) 2 Page - Omron Electronics LLC |
|
2 / 17 page ![]() E5GN 2 Lineup Note: Models with one control output and one or two auxiliary outputs can be used for heating/cooling control. Model Number Structure Model Number Legend Controllers 1. Control Output 1 R: Relay output Q: Voltage output (for driving SSR) C: Linear current output 2. Auxiliary Outputs Blank: None 1: One output 2: Two outputs 3. Option Blank: None 01: RS-232C communications 03: RS-485 communications B: Two event inputs H: Heater burnout/Heater short/Heater overcurrent detection (CT1) 4. Input Type T: Universal thermocouple/platinum resistance thermometer input L: Analog current/voltage input 5. Power Supply Voltage Blank: 100 to 240 VAC D: 24 VAC/VDC 6. Terminal Type Blank: Models with screw terminal block C: Models with screwless clamp terminal block 7. Case Color Blank: Black 8. Communications Protocol Blank: None FLK: CompoWay/F communications Note: Models cannot be made for all combinations of options that are possible in the model number legend. Confirm model availability in Ordering Information before ordering. * Auxiliary outputs are relay outputs that can be used to output alarms or processing results. Screwless clamp terminal block Screw terminal block E5GN Basic Type Analog input Temperature input 1 control output 1 control output 0, 1, or 2 auxiliary outputs 0, 1, or 2 auxiliary outputs Analog input Temperature input 1 control output 1 control output 0, 1, or 2 auxiliary outputs 0, 1, or 2 auxiliary outputs 1 2 E5GN- @@@@@-@-@-@ 3 4 5 6 7 8 |