| データシートサーチシステム |
|
UMJS4 データシート(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
UMJS4 データシート(HTML) 5 Page - Omron Electronics LLC |
|
5 / 12 page ![]() 5 UM/MC3 Wiring of Safety Mat and Safety Mat Controller Example 1: Using a Single Safety Mat Note: You can cut a Safety Mat's cable and wire it to the MC3 Safety Mat Controller without using UMPMC. Example 2: Using Two Safety Mats Example 3: Using Six Safety Mats Note: 1. Use UMEC- @ Extension Cables as required by the distance between the Safety Mats and the Mat Controller. 2. When using the UMDB-6 to connect to 1 to 5 Mats, change the wiring inside the UMDB-6. Refer to user documentation provided with the UMDB-6. Safety Mat Controller MC3 Panel-mount Connector UMPMC Safety Mat UM @ Safety Mat Controller MC3 Y Connector UM-Y-2-1 Safety Mat UM @ Safety Mat UM @ Panel-mount Connector UMPMC Contact your dealer for other wiring combinations. Safety Mat Controller MC3 Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Connector with cable Socket on one cable end XS2F-D421- @80-A Distribution Box (for six mats) UMDB-6 Connecting directly to Safety Mat Controller Safety Mat Controller MC3 Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Safety Mat UM @ Panel-mount Connector UMPMC Distribution Box (for six mats) UMDB-6 Extension cable UMEC- @ Surface of control panel Inside of Control panel Connecting to Safety Mat Controller in a panel |