| データシートサーチシステム |
|
38-R144C2000 データシート(PDF) 1 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
38-R144C2000 データシート(HTML) 1 Page - Tyco Electronics |
|
1 / 2 page ![]() 818 PRODUCTS UNLIMITED Dimensions are shown for reference purposes only. Dimensions are in inches over (millimeters) unless otherwise specified. Catalog 1308242 Issued 3-03 Specifications and availability subject to change. www.tycoelectronics.com Technical support: Refer to inside back cover. Features • Single-pole, normally closed relay used extensively in HVAC applications. • Variety of mounting positions and brackets. • Convenient 0.250” (6.35 mm) quick connect terminals. • Custom-built to meet customer requirements. Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application. Contact Data @ 25°C Arrangements: Normally-Closed. Materials: Silver cadmium oxide. Maximum Rating: 35A inductive @ 277VAC, 0.5 power factor (Break only.) Expected Life: 750,000 ops, mechanical. 250,000 ops., breaking rated load. Initial Dielectric Strength Initial Breakdown Voltage: 1,554 VAC @ 60 Hz. between live parts and exposed non-current carrying metal parts. Coil Data @ 25°C Voltage: 130, 170, 214, 256, 336, 395, 420 and 495 VAC, 60 Hz. Nominal Sealed Power: 5 VA). Insulation Class: UL Class B (130°C). Duty Cycle: Continuous. Mechanical Data Termination: 0.250” (6.35 mm) quick connects (single or dual, model dependent). Terminals #4 & #6 are dummies for customer convenience. Mounting Position: Each model is calibrated for its specified mounting position. Pick-up voltage may vary if relay is mounted in positions other than specified. Weight: 5.76 oz. (163.8 g) approximately 38 series Potential Motor Starting Relay 1-pole, 35A, Normally Closed AC Coil File E83865 Ordering Information Typical Part No. B 38 -A 144 C 3 000 1. Series: 38 = 1-pole, normally-closed, potential motor starting relay 2. Wiring and Terminal Type (number of QCs at given base locations): A = 2 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 2 @ loc. 6. D = 2 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6. M = 2 @ loc. 1, 2 @ loc. 2, 2 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6. R = 1 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 1 @ loc. 5 and 0 @ loc. 6. S = 1 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6. T = 2 @ loc. 1, 2 @ loc. 2, 0 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6. Y = 1 @ loc. 1, 2 @ loc. 2, 4 @ loc. 3, 2 @ loc. 5 and 0 @ loc. 6. 3. Coil Rating and Calibration: 000-999 = See table on following page for details. 4. Mounting Bracket Style: C, D, F or J = See drawings below for details. 5. Mounting Position: 1, 2, 3, 4, 5 & 6 = See drawings below for details. NOTE: Devices calibrated in specified mounting position only. 6. Customer ID Suffix: 000-999 = Factory assigned customer ID C J F D #8-32 UNC-2B THD. #8-32 UNC-2B THD. 1.59 (40.39) 1.00 (25.4) .500 (12.7) 1.563 (39.7) 1 2 3 4 5 6 Custom parts only. Standard part numbers listed below are more likely to be available from stock. |
同様の部品番号 - 38-R144C2000 |
|
同様の説明 - 38-R144C2000 |