| データシートサーチシステム |
|
NJW4351 データシート(PDF) 7 Page - New Japan Radio |
|
|
|||||||||||||||||||||||||||||
NJW4351 データシート(HTML) 7 Page - New Japan Radio |
|
7 / 18 page ![]() NJW4351 - 7 - TERMINAL STATUS STEP Function MO Function Negative Edge - H The translator is in noninitial status Positive Edge Internal translator gose on every this edge L The translator is in initial status OPEN - HSM Function ALARM Function H HALF Step H Normal Operation L FULL Step OPEN FULL Step (Inside PULL DOWN) DIR Function H REVERSE LFORWARD OPEN FORWARD (Inside PULL DOWN) ENABLE Function HACTIVE L OUT terminals are OFF , but internal logic circuit is ON. OPEN OUT terminals are OFF , but internal logic circuit is ON. (Inside PULL DOWN) RESET Function HACTIVE L RESET OPEN RESET (Inside PULL DOWN) PD Function HACTIVE L RESET+POWER SAVING OPEN RESET+POWER SAVING (Inside PULL DOWN) MO-Motor Origin Position Output ALARM-Alarm Output STEP-Motor Stepping Pulse Input DIR-Direction Command Input L OUT terminals are OFF, as the protection circuit operates. ENABLE-Enable Input RESET-Reset Input PD-Power Down State Input HSM-HALF/FULL Step Mode Input |