| データシートサーチシステム |
|
3EBH1 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
3EBH1 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() Case Dimensions Part No. A BC D E (max) (max) (max) ±.010 (max) ±.25 EAH1 2.15 1.12 .90 1.575 1.98 54.61 28.45 22.86 40.01 50.29 EBH1 2.15 1.12 .90 1.575 1.98 54.61 28.45 22.86 40.01 50.29 Catalog 1654001 Dimensions are in inches and Dimensions are shown for USA Cust. Svc.: 1-800-468-2023 www.corcom.com Revised 05-07 millimeters unless otherwise reference purposes only. CORCOM Prods: 1-847-680-7400 www.tycoelectronics.com specified. Values in italics Specifications subject Germany: 49-89-6089-0 are metric equivalents. to change. For UL544 Health Care Equipment (Continued) Case Style Recommended Panel Cutouts 25 EAH, EBH Series CORCOM Product Guide E C D A B .140 3.56 .12 3.0 Panel cutout for front mounting .820 20.8 R Dia. (2) 1.14 29.96 1.575 40.01 .140 3.56 .234 5.94 Panel cutout for back mounting .900 22.9 R Dia. (2) 1.200 30.48 1.575 40.01 .140 3.56 .12 3.0 Panel cutout for front mounting .820 20.8 R Dia. (2) 1.14 29.96 1.575 40.01 .140 3.56 .234 5.94 Panel cutout for back mounting .900 22.9 R Dia. (2) 1.200 30.48 1.575 40.01 EAH1/EBH1 Part Numbers 01EAH1 01EBH1 03EAH1 03EBH1 06EAH1 06EBH1 10EAH1 10EBH1 Line Cord No. GA400 Insulating Boot No. FA601 Panel Cutout (Front mount) Panel Cutout (Back mount) Typical dimensions: Terminals: .250 [6.35] (5) Holes: .07 [1.8] Dia.(2) Slot: .07 x .16 [1.8 x 4.1] Mounting Holes: .132 [3.35] Dia. (2) with .236 Dia. x 90˚ countersunk for #4 Flathead Screw Tolerance ±.005 [ 0.13] Tolerance ±.005 [0.13] |