データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6EXP データシート(PDF) 2 Page - Tyco Electronics

部品番号 6EXP
部品情報  PC Board Mountable RFI Power Line Filters for Emission Control Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

6EXP データシート(HTML) 2 Page - Tyco Electronics

  6EXP Datasheet HTML 1Page - Tyco Electronics 6EXP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
101
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
PC Board Mountable RFI Power Line Filters for Emission Control Applications (Continued)
Case Styles
Case Dimensions
A
BC
D
E
± .015
Part No.
(max)
(max)
(max)
(max)
± .38
3EXP
2.61
1.13
1.62
——
66.3
28.7
41.1
3EX1
3.01
1.84
1.16
2.375
2.79
76.7
46.8
29.46
60.33
70.87
4EXP
2.61
1.13
1.62
——
66.3
28.7
41.1
6EXP
2.61
1.13
1.75
——
66.3
28.7
44.5
2EYP
2.61
1.13
1.62
——
66.3
28.7
41.1
3EYP, 4EYP
2.61
1.13
1.75
——
66.3
28.7
44.5
1EZP
2.61
1.13
1.62
——
66.3
28.7
41.1
2EZP, 3EZP
2.61
1.13
1.75
——
66.3
28.7
44.5
3EZ1
3.54
2.08
1.31
2.938
3.35
89.9
52.8
33.3
74.63
85.1
X, Y, Z Series
EX1/EZ1
A
B
C
DE
EXP/EYP/EZP
Recommended Mounting Holes & Clearance Area
Line
side
Load
side
Grounds
A
B
C
0.123
3.12 Min.
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .188 [4.78] Dia. (2)
Tolerance ± .006 [.152]
Holes: .075 [1.91] Dia. (6)
2.660
67.56
1.050
26.67
1.850
46.99
.605
15.37
.350
8.89
.700
17.78
1.190
30.23
.245
6.22
.150
3.81
Part Numbers
3EXP
1EZP
3EX1
2EZP
4EXP
3EZP
6EXP
3EZ1
2EYP
3EYP
4EYP



Html Pages

1 2