| データシートサーチシステム |
|
T97R227M020LAB データシート(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
T97R227M020LAB データシート(HTML) 1 Page - Vishay Siliconix |
|
1 / 5 page ![]() Document Number: 40092 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 21-Jun-10 1 Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case T97 Vishay Sprague FEATURES • High reliability; Weibull failure rate grading available • Surge current testing per MIL-PRF-55365 options available • Ultra-low ESR • Tin/lead (SnPb) termination available • Compliant to RoHS directive 2002/95/EC PERFORMANCE CHARACTERISTICS Operating Temperature: - 55 °C to + 85 °C (To + 125 °C with voltage derating) Capacitance Range: 10 µF to 1500 µF Capacitance Tolerance: ± 10 %, ± 20 % standard Voltage Rating: 4 WVDC to 75 WVDC Note (1) Available on select ratings. See ratings table on page 2. Note • The anode termination (D less B) will be a minimum of 0.012" [0.3 mm] * Pb containing terminations are not RoHS compliant, exemptions may apply ORDERING INFORMATION T97 R 227 K 020 E S A TYPE CASE CODE CAPACITANCE CAPACITANCE TOLERANCE DC VOLTAGE RATING AT + 85 °C TERMINATION/ PACKAGING (Available options are series dependent) RELIABILITY LEVEL SURGE CURRENT See Ratings and Case Code table. This is expressed in pF. The first two digits are the significant figures. The third is the number of zeros to follow. K = ± 10 % M = ± 20 % This is expressed in volts. To complete the three-digit block, zeros precede the voltage rating. A decimal point is indicated by an “R” (6R3 = 6.3 V). E = Sn/Pb solder/7" (178 mm) reel L = Sn/Pb solder/7" (178 mm), 1/2 reel C = 100 % tin/7" (178 mm), reel H = 100 % tin/7" (178 mm), 1/2 reel A = 1.0 % Weibull B = 0.1 % Weibull (1) S = 40 h burn-in Z = Non- established reliability A = 10 cycles at + 25 °C B = 10 cycles at - 55 °C/ + 85 °C S = 3 cycles at 25 °C DIMENSIONS in inches [millimeters] CASE CODE L (MAX.) W H A B D (REF.) J (MAX.) E 0.299 [7.6] 0.173 ± 0.016 [4.4 ± 0.4] 0.157 ± 0.016 [4.0 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.253 [6.4] 0.004 [0.1] F 0.299 [7.6] 0.238 ± 0.016 [6.0 ± 0.4] 0.187 ± 0.016 [4.7 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.243 [6.2] 0.004 [0.1] R 0.299 [7.6] 0.238 + 0.016/- 0.024 [6.0 + 0.4/- 0.6] 0.142 ± 0.016 [3.6 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.243 [6.2] 0.004 [0.1] V 0.299 [7.6] 0.173 ± 0.016 [4.4 ± 0.4] 0.079 [2.0] Max. 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.253 [6.4] 0.004 [0.1] Z 0.299 [7.6] 0.238 ± 0.016 [6.0 ± 0.4] 0.238 ± 0.016 [6.0 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.243 [6.2] 0.004 [0.1] D 0.299 [7.6] 0.173 ± 0.016 [4.4 ± 0.4] 0.137 [3.5] Max. 0.051 ± 0.012 [1.3 ± 0.3] 0.180 ± 0.025 [4.6 ± 0.6] 0.253 [6.4] 0.004 [0.1] M 0.315 [8.0] 0.259 + 0.016/-0.024 [6.6 + 0.4/-0.6] 0.141 ± 0.016 [3.6 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.196 ± 0.025 [5.0 ± 0.6] 0.259 [6.6] 0.004 [0.1] H 0.315 [8.0] 0.259 + 0.016/-0.024 [6.6 + 0.4/-0.6] 0.204 ± 0.016 [5.2 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.196 ± 0.025 [5.0 ± 0.6] 0.259 [6.6] 0.004 [0.1] N 0.315 [8.0] 0.259 + 0.016/-0.024 [6.6 + 0.4/-0.6] 0.252 ± 0.016 [6.4 ± 0.4] 0.051 ± 0.012 [1.3 ± 0.3] 0.196 ± 0.025 [5.0 ± 0.6] 0.259 [6.6] 0.004 [0.1] J H B A D L Tantalum wire Nib identifies Anode (+) Terminal W |
同様の部品番号 - T97R227M020LAB |
|
同様の説明 - T97R227M020LAB |