| データシートサーチシステム |
|
CEC-RWC-18687 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
CEC-RWC-18687 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 2 page ![]() 6 Catalog 1654012 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Raychem Quadlite Cables (Continued) Quadrax Contacts, Connectors and Cables Product Facts ■ 100 Ohm and 150 Ohm cables ■ Materials rated from -85°F to + 392°F [-65°C to +200°C] ■ Low outgassing materials (PTFE, FEP) ■ Custom design capabilities ■ Proven technologies and materials ■ App. Example C130 = 97' length = 20-30 meters 100 Ohms - 200˚C 100 Ohms - 150˚C Raychem Part Number CEC-RWC-18687 CEC-RWC-18664 Conductor AWG Size (19 Strand) 24 24 Conductor Material: SCCA SCCA Nom. Conductor Diameter (in.): 0.0235 0.0235 Insulation Material: FEP FEP Nom. Insulation OD± 0.002 (in.): 0.042 0.042 Nom. Cable OD (in.): 0.166 0.167 Nom. Cable Weight (lbs/1 kft): 24.7 22.9 Shield Material: Flat SCC/Round SCC Alum. MYLAR/Round TCC Jacket Material: FEP FEP Impedance ± 10% ( Ω): 100 Ohms 100 Ohms Temp. Rating: 200˚C 150˚C Nom. Capacitance (pF/ft): 13.0 13.0 10 MHz 100 MHz 10 MHz 100 MHz Nom./Max. Attenuation (dB/100 Ft). 2.3/2.7 8.0/9.2 2.3/2.7 8.0/9.2 Min. NEXT (dB) 47 32 47 32 Min. SR (dB) 23 16 23 16 100 BASE-T Ethernet Fiber Channel 150 Ohms - 200˚C 150 Ohms - 150˚C Raychem Part Number CEC-RWC-18684 CEC-RWC-18680 Conductor AWG Size (19 Strand) 26 26 Conductor Material: SCCA SCCA Nom. Conductor Diameter (in.): 0.0235 0.0235 Insulation Material: FEP FEP Nom. Insulation OD± 0.005 (in.): 0.058 0.058 Nom. Cable OD (in.): 0.200 0.201 Nom. Cable Weight (lbs/1 kft): 30.6 30.9 Shield Material: Flat SCC/Round SCC Alum. MYLAR/Round SCC Jacket Material: FEP FEP Impedance ± 10% ( Ω): 150 Ohms 150 Ohms Temp. Rating: 200˚C 150˚C Nom. Capacitance (pF/ft): 9.0 9.0 Nom./Max. Attenuation (dB/100 Ft). 531 MHz 13 13 1062 MHz 21 21 Nom. Delay Skew (ps/ft) 3 3 MYLAR is a registered trademark of Dupont Teijin Films U.S. |