| データシートサーチシステム |
|
STE100P データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE100P データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 31 page ![]() 25/31 STE100P Table 8. AC Specifications Figure 13. Receive Timing Symbol Parameter Test Condition Min. Typ. Max. Units Receive Timing Specification Rt1 Receive Frame to Sampled Edge of RX-DV (100 Mbits/s) — 300 ns Receive Frame to Sampled Edge of RX-DV (10 Mbits/s) —4 us Rt2 Receive Frame to CRS High (100Mbits/s) — 250 ns Receive Frame to CRS High (10 Mbits/s) —3.5 us Rt3 End of Receive Frame to Sampled Edge of RX-DV (100 Mbits/s) — 200 ns End Receive Frame to Sampled Edge of RX-DV (10 Mbits/s) —1 us Rt4 End of Receive Frame to CRS Low (100 Mbits/s) — 300 ns End of Receive Frame to CRS Low (10 Mbits/s) —1 us |