| データシートサーチシステム |
|
M24C16-RBN6TP/S データシート(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C16-RBN6TP/S データシート(HTML) 20 Page - STMicroelectronics |
|
20 / 39 page ![]() DC and AC parameters M24C16, M24C08, M24C04, M24C02, M24C01 20/39 Doc ID 5067 Rev 16 Table 9. DC characteristics (M24Cxx-W, device grade 6) Symbol Parameter Test conditions (in addition to those in Table 6) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current VCC = 5 V, fc = 400 kHz (rise/fall time < 50 ns) 2mA VCC = 2.5 V, fc = 400 kHz (rise/fall time < 50 ns) 1mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, for 2.5 V < VCC ≤ 5.5 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). 1µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 2.1 mA when VCC = 2.5 V or IOL = 3 mA when VCC = 5.5 V 0.4 V Table 10. DC characteristics (M24Cxx-W, device grade 3) Symbol Parameter Test condition (in addition to those in Table 6) Min. Max. Unit ILI Input leakage current (SCL, SDA, E0, E1,and E2) VIN = VSS or VCC, device in Standby mode ± 2 µA ILO Output leakage current SDA in Hi-Z, external voltage applied on SDA: VSS or VCC ± 2 µA ICC Supply current VCC = 5 V, fC= 400 kHz (rise/fall time < 50 ns) 3mA VCC = 2.5 V, fC = 400 kHz (rise/fall time < 50 ns) 3mA ICC1 Standby supply current Device not selected(1), VIN = VSS or VCC, VCC = 5 V 1. The device is not selected after a power-up, after a read command (after the Stop condition), or after the completion of the internal write cycle tW (tW is triggered by the correct decoding of a write command). 5µA Device not selected(1), VIN = VSS or VCC, VCC = 2.5 V 2µA VIL Input low voltage (SDA, SCL, WC) –0.45 0.3VCC V VIH Input high voltage (SDA, SCL, WC) 0.7VCC VCC+1 V VOL Output low voltage IOL = 2.1 mA when VCC = 2.5 V or IOL = 3 mA when VCC = 5.5 V 0.4 V |