| データシートサーチシステム |
|
TSH512CF データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH512CF データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 31 page ![]() General description TSH512 22/31 Doc ID 8120 Rev 7 Figure 29. VOX delay and sensitivity schematics On pin 6, Rpeak and Cpeak integrate the rectified audio signal with a short time constant. This filtered signal follows the audio amplitude. Figure 30. VOX integrator and monostable schematics The self-adaptive VOX threshold is necessary because the ambient background noise variation is slow compared to the voice or the music. On pin 28, RCOMP and CCOMP integrate the amplitude to follow the background amplitude. Therefore, the comparator switches when an audio signal appears over the background noise. Referring to Figure 2, CCOMP will be typically a 100 nF capacitor and RCOMP will be determined depending on the audio signal. As soon as an audio signal is detected, the output of the monostable switches to "high" state and enables both output buffers. The monostable output is pin 27 and is called VOX-MUTE. |