データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSH512CFT データシート(PDF) 22 Page - STMicroelectronics

部品番号 TSH512CFT
部品情報  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512CFT データシート(HTML) 22 Page - STMicroelectronics

Back Button TSH512CFT Datasheet HTML 18Page - STMicroelectronics TSH512CFT Datasheet HTML 19Page - STMicroelectronics TSH512CFT Datasheet HTML 20Page - STMicroelectronics TSH512CFT Datasheet HTML 21Page - STMicroelectronics TSH512CFT Datasheet HTML 22Page - STMicroelectronics TSH512CFT Datasheet HTML 23Page - STMicroelectronics TSH512CFT Datasheet HTML 24Page - STMicroelectronics TSH512CFT Datasheet HTML 25Page - STMicroelectronics TSH512CFT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
General description
TSH512
22/31
Doc ID 8120 Rev 7
Figure 29.
VOX delay and sensitivity schematics
On pin 6, Rpeak and Cpeak integrate the rectified audio signal with a short time constant. This
filtered signal follows the audio amplitude.
Figure 30.
VOX integrator and monostable schematics
The self-adaptive VOX threshold is necessary because the ambient background noise
variation is slow compared to the voice or the music. On pin 28, RCOMP and CCOMP
integrate the amplitude to follow the background amplitude. Therefore, the comparator
switches when an audio signal appears over the background noise. Referring to Figure 2,
CCOMP will be typically a 100 nF capacitor and RCOMP will be determined depending on the
audio signal.
As soon as an audio signal is detected, the output of the monostable switches to "high" state
and enables both output buffers. The monostable output is pin 27 and is called VOX-MUTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31