データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS4872 データシート(PDF) 27 Page - STMicroelectronics

部品番号 TS4872
部品情報  RAIL TO RAIL INPUT/OUTPUT 1W AUDIO POWER AMPLIFIER WITH STANDBY MODE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4872 データシート(HTML) 27 Page - STMicroelectronics

Back Button TS4872_05 Datasheet HTML 21Page - STMicroelectronics TS4872_05 Datasheet HTML 22Page - STMicroelectronics TS4872_05 Datasheet HTML 23Page - STMicroelectronics TS4872_05 Datasheet HTML 24Page - STMicroelectronics TS4872_05 Datasheet HTML 25Page - STMicroelectronics TS4872_05 Datasheet HTML 26Page - STMicroelectronics TS4872_05 Datasheet HTML 27Page - STMicroelectronics TS4872_05 Datasheet HTML 28Page - STMicroelectronics TS4872_05 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TS4872
27/29
TOP VIEW OF THE DAISY CHAIN MECHANICAL DATA ( all drawings dimensions are in millimeters )
REMARKS
Daisy chain sample is featuring pins connection two by two. The schematic above is illustrating the way
connecting pins each other. This sample is used for testing continuity on board. PCB needs to be designed
on the opposite way, where pin connections are not done on daisy chain samples. By that way, just
connecting an Ohmeter between pin 8 and pin 1, the soldering process continuity can be tested.
ORDER CODE
Part Number
Temperature
Range
Package
Marking
J
TSDC4872IJT
-40, +85
°C
•
DC01
12
3
76
5
8
4
GND
BYPASS
Vout2
STDBY
Vcc
Vout1
Vin
+
Vin
3.02
1.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29