データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M24C16-RBN5TP/S データシート(PDF) 7 Page - STMicroelectronics

部品番号 M24C16-RBN5TP/S
部品情報  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-RBN5TP/S データシート(HTML) 7 Page - STMicroelectronics

Back Button M24C16-RBN5TP/S Datasheet HTML 3Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 4Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 5Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 6Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 7Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 8Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 9Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 10Page - STMicroelectronics M24C16-RBN5TP/S Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Description
Doc ID 5067 Rev 16
7/39
Figure 2.
8-pin package connections (top view)
1.
NC = Not connected
2.
See Section 7: Package mechanical data for package dimensions, and how to identify pin-1.
Figure 3.
M24C08-F WLCSP and thin WLCSP connections
(top view, marking side, with balls on the underside)
SDA
VSS
SCL
WC
VCC
/ E2
AI02034E
M24Cxx
1
2
3
4
8
7
6
5
/ E2
/ E2
/ E2
NC
/ E1
/ E1
/ E1
/ NC
NC
/ E0
/ E0
/ NC
/ NC
NC
/1Kb
/2Kb
/4Kb
/8Kb
16Kb
VCC
WC
SDA
SCL
VSS
ai14908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39