| データシートサーチシステム |
|
MC68HC705MC4MP データシート(PDF) 115 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP データシート(HTML) 115 Page - Freescale Semiconductor, Inc |
|
115 / 180 page ![]() Pulse Width Modulator PWM during Wait Mode General Release Specification Pulse Width Modulator 10.8 PWM during Wait Mode The PWM continues normal operation during wait mode. To decrease power consumption during wait, it is recommended that the PWM subsystem be put into the PRESET state. 10.9 Application Examples The following examples demonstrate PWM configuration options to drive brushed DC and permanent magnet brushless motors. The schematic diagrams are simplified for clarity. 10.9.1 Brushed DC Motor Interface The basic interface for a single brushed DC motor is shown below. Figure 10-17. Brushed DC Motor Interface A B+ 0 V PA1 PA3 PA5 PA7 PWMA — MASK FEATURE DISABLED — PA1, PA3 DRIVE PWM, OR LOGIC 0 — PA5 AND PA7 OUTPUT PORTS, LOGIC 1 OR 0 T PD6 INPUT CAPTURE Q4 Q3 Q1 Q2 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |