| データシートサーチシステム |
|
MC68HC705MC4MP データシート(PDF) 20 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP データシート(HTML) 20 Page - Freescale Semiconductor, Inc |
|
20 / 180 page ![]() General Description MC68HC705MC4 — Rev. 2.0 General Description Figure 1-1. Block Diagram NOTE: A line over a signal name indicates an active low signal. For example, RESET is active high and RESET is active low. 16-BIT TIMER 1 INPUT CAPTURE & 1 OUTPUT COMPARE OR 2 INPUT CAPTURES PORT D LOGIC USER EPROM/ROM — 3584 BYTES DUAL PWM REGISTERS AND LOGIC INTERNAL CLOCK COP OSC COND CODE REG 1 1 1 I N Z C H INDEX REG CPU CONTROL 0 0 0 STK PNTR 1 1 0 0 0 0 0 ÷4 RESET OSC 1 OSC 2 PD7/TCAP2 SRAM — 176 BYTES PD6/TCMP/TCAP1 IRQ/V PP ALU 68HC05 CPU ACCUM PROGRAM COUNTER CPU REGISTERS ÷2 PA6/PWMB3 PA0 PA7 PA1/PWMA1 PA2/PWMB1 PA3/PWMA2 PA4/PWMB2 PA5/PWMA3 PB5/RDI PB6 PB7 SCI REGISTERS AND LOGIC PC3/AD3 PC4/AD4 PC5/AD5 PC6/V REFH PC7/V REFL PC2/AD2 PC1/AD1 PC0/AD0 VDD VSS PB4/TDO BOOTSTRAP/SELF-CHECK ROM — 240 BYTES CORE TIMER Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |