| データシートサーチシステム |
|
MC68HC705MC4MP データシート(PDF) 131 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MC68HC705MC4MP データシート(HTML) 131 Page - Freescale Semiconductor, Inc |
|
131 / 180 page ![]() Serial Communications Interface SCI I/O Registers General Release Specification Serial Communications Interface TCIE — Transmission Complete Interrupt Enable This read/write bit enables SCI interrupt requests when the TC bit becomes set. Reset clears the TCIE bit. 1 = TC interrupt requests enabled 0 = TC interrupt requests disabled RIE — Receive Interrupt Enable This read/write bit enables SCI interrupt requests when the RDRF bit or the OR bit becomes set. Reset clears the RIE bit. 1 = RDRF interrupt requests enabled 0 = RDRF interrupt requests disabled ILIE — Idle Line Interrupt Enable This read/write bit enables SCI interrupt requests when the IDLE bit becomes set. Reset clears the ILIE bit. 1 = IDLE interrupt requests enabled 0 = DLE interrupt requests disabled TE — Transmit Enable Setting this read/write bit begins the transmission by sending a preamble of 10 or 11 logic 1s from the transmit shift register to the PB4/TDO pin. Reset clears the TE bit. 1 = Transmission enabled 0 = Transmission disabled RE — Receive Enable Setting this read/write bit enables the receiver. Clearing the RE bit disables the receiver and receiver interrupts but does not affect the receiver interrupt flags. Reset clears the RE bit. 1 = Receiver enabled 0 = Receiver disabled Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |