| データシートサーチシステム |
|
M34E02-FMB1TP データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-FMB1TP データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 34 page ![]() Maximum rating M34E02, M34E02-F 22/34 Doc ID 10367 Rev 10 6 Maximum rating Stressing the device above the rating listed in the absolute maximum ratings table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 7. Absolute maximum ratings Symbol Parameter Min. Max. Unit Ambient temperature with power applied –55 130 °C TSTG Storage temperature –65 150 °C VIO Input or output range E0 Others –0.50 –0.50 10.0 6.5 V IOL DC output current (SDA = 0) - 5 mA VCC Supply voltage –0.5 6.5 V VESD Electrostatic discharge voltage (human body model)(1) 1. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 Ω, R2=500 Ω) –4000 4000 V |