| データシートサーチシステム |
|
M34E02-FDW6P データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M34E02-FDW6P データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 34 page ![]() M34E02, M34E02-F Device operation Doc ID 10367 Rev 10 17/34 3.8.4 Acknowledge in Read mode For all Read commands, the device waits, after each byte read, for an acknowledgment during the 9th bit time. If the bus master does not drive Serial Data (SDA) low during this time, the device terminates the data transfer and switches to its Standby mode. Figure 10. Read mode sequences 1. The seven most significant bits of the device select code of a Random Read (in the 1st and 3rd bytes) must be identical. Dev select * Byte address Dev select Data out 1 AI01942b Data out N Current Address Read Dev select Data out Random Address Read Dev select * Data out Sequential Current Read Data out N Dev select * Byte address Sequential Random Read Dev select * Data out 1 ACK R/W NO ACK ACK R/W ACK ACK R/W ACK ACK ACK NO ACK R/W NO ACK ACK ACK R/W ACK ACK R/W ACK NO ACK |