| データシートサーチシステム |
|
STR7-SK/IAR データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR7-SK/IAR データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 5 page ![]() STM32-SK/IAR, STR91X-SK/IAR, STR7-SK/IAR Ordering information Doc ID 11310 Rev 7 3/5 Ordering information IAR KickStart kits can be ordered from IAR or from your nearest ST distributor or sales office. Kits are currently available for: ● STM32 connectivity line microcontrollers (ST order code: STM3210C-SK/IAR) ● STM32 performance and access line microcontrollers with up to 512K Flash (ST order code: STM3210E-SK/IAR) ● STR91xF microcontrollers (ST order code: STR91X-SK/IAR) ● STR75xF microcontrollers (ST order code: STR750-SK/IAR) ● STR731F microcontrollers (ST order code: STR731-SK/IAR) ● STR730F microcontrollers (ST order code: STR730-SK/IAR) ● STR712F microcontrollers (ST order code: STR712-SK/IAR) ● STR711F microcontrollers (ST order code: STR711-SK/IAR) For more information and complete documentation, please refer to the IAR web site or the STMicroelectronics microcontroller support site on www.st.com. SD/MMC connector Yes Yes Yes Yes No No No No Potentiometer connected to ADC Yes Yes Yes Yes Yes Yes Yes Yes User, tamper, wake- up push button(s) 3 3 355533 Reset button Yes Yes Yes Yes Yes Yes Yes Yes Wrap area No Yes Yes Yes Yes Yes Yes Yes Additional features Stepper motor Yes Yes NoNoNoNoNoNo MEMS accelerometer Yes Yes No No No No No No Table 1. KickStart development board key features (continued) Feature Starter kit STM3210C -SK/IAR STM3210E -SK/IAR STR91X -SK/IAR STR750 -SK/IAR STR731 -SK/IAR STR730 -SK/IAR STR712 -SK/IAR STR711 -SK/IAR |