データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OSY5RU5HA1D データシート(PDF) 1 Page - OptoSupply International

部品番号 OSY5RU5HA1D
部品情報  5.1x4.3mm Oval Yellow LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OPTOSUPPLY [OptoSupply International]
ホームページ  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSY5RU5HA1D データシート(HTML) 1 Page - OptoSupply International

  OSY5RU5HA1D Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
5.1x4.3mm Oval Yellow LED
OSY5RU5HA1D
Features
Outline Dimension
High Luminous LEDs
5.1x4.3mm Standard Directivity
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Electronic Signs And Signals
Small Area Illuminations
Back Lighting
Other Lighting
0.5+0.1
Unit:mm
Tolerance:+0.3mm
2.54
1
2
1.Anode
2.Cathode
5.1
5.1
4.3
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
78
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
0.5
90°
60°
0
0
0.5
30°
60°
90°
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
1.8
2.1
2.6
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength*
λD
IF=20mA
585
590
595
nm
Luminous Intensity*
Iv
IF=20mA
3000
4500
-
mcd
50% Power Angle
1/2
IF=20mA
-
100/40
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


同様の部品番号 - OSY5RU5HA1D

メーカー部品番号データシート部品情報
logo
OptoSupply Internationa...
OSY5RU5HA1D OPTOSUPPLY-OSY5RU5HA1D Datasheet
179Kb / 1P
5.1x4.3mm Oval Yellow LED
OSY5RU5HA1D OPTOSUPPLY-OSY5RU5HA1D_11 Datasheet
179Kb / 1P
5.1x4.3mm Oval Yellow LED
More results

同様の説明 - OSY5RU5HA1D

メーカー部品番号データシート部品情報
logo
OptoSupply Internationa...
OSY5MA5HA1D OPTOSUPPLY-OSY5MA5HA1D Datasheet
111Kb / 1P
5.1x4.3mm Oval Phoenix Yellow LED
OSY5PA5HA1D OPTOSUPPLY-OSY5PA5HA1D Datasheet
111Kb / 1P
5.1x4.3mm Oval Premium Yellow LED
OSO5JA5HA1D OPTOSUPPLY-OSO5JA5HA1D_11 Datasheet
179Kb / 1P
5.1x4.3mm Oval Orange LED
OSR5RU5HA1D OPTOSUPPLY-OSR5RU5HA1D_11 Datasheet
179Kb / 1P
5.1x4.3mm Oval Red LED
OSY5MA5HA1D OPTOSUPPLY-OSY5MA5HA1D_11 Datasheet
182Kb / 1P
5.1x4.3mm Oval Phoenix Yellow LED
OSY5PA5HA1D OPTOSUPPLY-OSY5PA5HA1D_11 Datasheet
184Kb / 1P
5.1x4.3mm Oval Premium Yellow LED
OSY5RU5HA1D OPTOSUPPLY-OSY5RU5HA1D_11 Datasheet
179Kb / 1P
5.1x4.3mm Oval Yellow LED
OSV5YL5HA1D OPTOSUPPLY-OSV5YL5HA1D Datasheet
110Kb / 1P
5.1x4.3mm Oval Violet LED
OS5RPM5HA1D OPTOSUPPLY-OS5RPM5HA1D Datasheet
71Kb / 1P
5.1x4.3mm Oval Red LED
OS5YPM5HA1D OPTOSUPPLY-OS5YPM5HA1D Datasheet
69Kb / 1P
5.1x4.3mm Oval Yellow LED
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com