| データシートサーチシステム |
|
STM6520 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6520 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 23 page ![]() DC and AC parameters STM6520 12/23 Doc ID 15953 Rev 5 7 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics table that follow, are derived from tests performed under the Measurement Conditions summarized in Table 3: Operating and measurement conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Figure 10. AC testing input/output waveforms Table 3. Operating and measurement conditions Parameter Value Unit VCC supply voltage 1.65 to 5.5 V Ambient operating temperature (TA) –30 to +85 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8 VCC V Input and output timing ref. voltages 0.3 to 0.7 VCC V 0.8 VCC 0.2 VCC 0.7 VCC 0.3 VCC AM00478 |