| データシートサーチシステム |
|
STM6510ZCACDG6F データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6510ZCACDG6F データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 26 page ![]() STM6510 Typical operating characteristics Doc ID 16788 Rev 2 11/26 2 Typical operating characteristics Figure 7. Supply current (ICC) vs. temperature Figure 8. Smart Reset™ delay (tSRC) vs. temperature, CSRC = 0.56 µF 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 -60 -40 -20 0 20 40 60 80 100 120 140 Temperature [°C] 5.5 V 3.3 V 5 V 3 V AM04876v1 6 7 8 9 10 11 12 -60 -40 -20 0 20 40 60 80 100 120 140 Temperature [°C] 5.75 V 5.5 V 3.3 V AM04877v1 |