データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM6510YCACDG6F データシート(PDF) 10 Page - STMicroelectronics

部品番号 STM6510YCACDG6F
部品情報  Dual push-button Smart ResetTM with capacitor-adjustable delays
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6510YCACDG6F データシート(HTML) 10 Page - STMicroelectronics

Back Button STM6510YCACDG6F Datasheet HTML 6Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 7Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 8Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 9Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 10Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 11Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 12Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 13Page - STMicroelectronics STM6510YCACDG6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Description
STM6510
10/26
Doc ID 16788 Rev 2
1.3.5
Reset output (RST)
RST is active-low, open-drain.
1.3.6
Adjustable reset timeout (TRECADJ pin)
The reset timeout (tREC) is adjustable by connecting an external capacitor CtREC to this pin.
Calculated tREC and CtREC examples are given in Table 3. Refer also to Table 6.
Table 3.
tREC programmed by an ideal external capacitor
Calculated CtREC
value [µF]
tREC [ms]
(1)(2)
1.
Example calculations based on an ideal capacitor. During application design and component selection it
should be considered that the current flowing into the external tREC programming capacitor (CtREC) is on
the order of 100 nA, therefore a low-leakage capacitor (ceramic or film capacitor) and an adequate PCB
environment should be used to prevent tREC accuracy from being affected. A recommended minimum
value of CtREC is 0.001 µF.
2.
In case of repeated activations of the tREC counter, an interval of 10 ms min. is needed between tREC
intervals to fully discharge CtREC, so that the next tREC is as specified.
Closest common
CtREC value [µF]
Min.
Typ.
Max.
0.001
10
15
20
0.001
0.002
20
30
40
0.0022
0.01
100
150
200
0.01
0.014
140
210
280
0.015
0.028
280
420
560
0.027
0.056
560
840
1120
0.056
0.112
1120
1680
2240
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26