データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATSAM3U データシート(PDF) 45 Page - ATMEL Corporation

部品番号 ATSAM3U
部品情報  AT91ARM Cortex M3-based Microcontrollers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3U データシート(HTML) 45 Page - ATMEL Corporation

Back Button ATSAM3U Datasheet HTML 41Page - ATMEL Corporation ATSAM3U Datasheet HTML 42Page - ATMEL Corporation ATSAM3U Datasheet HTML 43Page - ATMEL Corporation ATSAM3U Datasheet HTML 44Page - ATMEL Corporation ATSAM3U Datasheet HTML 45Page - ATMEL Corporation ATSAM3U Datasheet HTML 46Page - ATMEL Corporation ATSAM3U Datasheet HTML 47Page - ATMEL Corporation ATSAM3U Datasheet HTML 48Page - ATMEL Corporation ATSAM3U Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
45
6430CS–ATARM–09-Apr-10
SAM3U Series
11.2
Peripheral Signal Multiplexing on I/O Lines
The SAM3U features 3 PIO controllers, PIOA, PIOB and PIOC that multiplex the I/O lines of the
peripheral set.
Each PIO Controller controls up to 32 lines. Each line can be assigned to one of two peripheral
functions, A or B. The multiplexing tables in the following pages define how the I/O lines of
peripherals A and B are multiplexed on the PIO Controllers. The two columns “Extra Function”
and “Comments” have been inserted in this table for the user’s own comments, they may be
used to track how pins are defined in an application.
Note that some peripheral functions which are output only, might be duplicated within the tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62