| データシートサーチシステム |
|
STM6502RFABDG6F データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6502RFABDG6F データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 29 page ![]() Description STM6502, STM6503, STM6504, STM6505 8/29 Doc ID 16101 Rev 5 Figure 3. Block diagram - STM6502, STM6503, STM6504 1. STM6504 only: SR0 and SRE are working independently. SRE is edge-triggered and has a special debounce time (tDEBOUNCE = 240 ms min.) at the falling edge after a valid reset period. Figure 4. Block diagram - STM6505 VCC VRST COMPARE SR0 SRC (STM6502) TSR (STM6503, STM6504) RST tREC generator Logic SR1 (SRE STM6504 only)(1) Logic AM00352a |