データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26LS32ACNSRG4 データシート(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM26LS32ACNSRG4
部品情報  QUADRUPLE DIFFERENTIAL LINE RECEIVERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM26LS32ACNSRG4 データシート(HTML) 14 Page - Texas Instruments

Back Button AM26LS32ACNSRG4 Datasheet HTML 10Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 11Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 12Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 13Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 14Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 15Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 16Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 17Page - Texas Instruments AM26LS32ACNSRG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
AM26LS32ACDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
AM26LS32ACDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
AM26LS32ACNSR
SO
NS
16
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
AM26LS32ACPWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
AM26LS32AIDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
AM26LS33ACDR
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Jul-2010
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24