| データシートサーチシステム |
|
AM26LS32AMJB データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26LS32AMJB データシート(HTML) 4 Page - Texas Instruments |
|
4 / 24 page ![]() www.ti.com DISSIPATION RATINGS RECOMMENDED OPERATING CONDITIONS ELECTRICAL CHARACTERISTICS AM26LS32AC ,, AM26LS32AI,, AM26LS33AC AM26LS32AM, AM26LS33AM QUADRUPLE DIFFERENTIAL LINE RECEIVERS SLLS115E – OCTOBER 1980 – REVISED OCTOBER 2007 DERATION TA ≤ 25°C TA = 70°C TA = 125°C PACKAGE FACTOR POWER RATING POWER RATING POWER RATING ABOVE TA = 25°C FK 1375 mW 11.0 mW/ °C 880 mW 275 mW J 1375 mW 11.0 mW/ °C 880 mW 275 mW MIN NOM MAX UNIT AM26LS32AC, AM26LS32AI, 4.75 5 5.25 AM26LS33AC VCC Supply voltage V AM26LS32AM, AM26LS33AM 4.5 5 5.5 VIH High-level input voltage 2 V VIL Low-level input voltage 0.8 V AM26LS32A ±7 VIC Common-mode input voltage V AM26LS33A ±15 IOH High-level output current –440 μA IOL Low-level output current 8 mA AM26LS32AC, AM26LS33AC 0 70 TA Operating free-air temperature AM26LS32AI –40 85 °C AM26LS32AM, AM26LS33AM –55 125 over recommended ranges of VCC, VIC, and operating free-air temperature (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP(1) MAX UNIT AM26LS32A 0.2 Positive-going VIT+ VO = VOHmin, IOH = –440 μA V input threshold voltage AM26LS33A 0.5 AM26LS32A –0.2(2) Negative-going VIT– VO = 0.45 V , IOL = 8 mA V input threshold voltage AM26LS33A –0.5(2) Hysteresis voltage Vhys 50 mV (VIT+ – VIT–) VIK Enable-input clamp voltage VCC = MIN, II = –18 mA –1.5 V AM26LS32AC, 2.7 AM26LS33AC VCC = MIN, VID = 1 V, VOH High-level output voltage V AM26LS32AM, VI(G) = 0.8 V, IOH = –440 μA AM26LS32AI, 2.5 AM26LS33AM IOL= 4 mA 0.4 VCC = MIN, VID = –1 V, VOL Low-level output voltage V VI(G) = 0.8 V IOL= 8 mA 0.45 Off-state VO = 2.4 V 20 IOZ (high-impedance state) VCC = MAX μA VO = 0.4 V –20 output current Other input at –10 V to VI = 15 V, 1.2 15 V II Line input current mA Other input at –15 V to VI = –15 V, –1.7 10 V II(EN) Enable input current VI = 5.5 V 100 μA IH High-level enable current VI = 2.7 V 20 μA (1) All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0. (2) The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for threshold levels only. 4 Submit Documentation Feedback Copyright © 1980–2007, Texas Instruments Incorporated Product Folder Link(s): AM26LS32AC AM26LS32AI AM26LS33AC AM26LS32AM AM26LS33AM |