データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FMG-04J データシート(PDF) 1 Page - Gulf Semiconductor

部品番号 FMG-04J
部品情報  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 4.0A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GULFSEMI [Gulf Semiconductor]
ホームページ  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

FMG-04J データシート(HTML) 1 Page - Gulf Semiconductor

  FMG-04J Datasheet HTML 1Page - Gulf Semiconductor FMG-04J Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A2
www.gulfsemi.com
FMG-04J
Ultra fast Plastic Power Rectifiers
VOLTAGE: 600V
CURRENT: 4.0A
FEATURE
ITO-220AC
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Ideally suited for use in very high frequency switching
power supplies, inverters and as free wheeling diodes
• Ultra fast recovery time for high efficiency
• Excellent high temperature switching
• Glass passivated junction
•High voltage and high reliability
• High speed switching
• Low forward voltage
MECHANICAL DATA
Case: JEDEC TO-220 molded plastic body over
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated)
SYMBOL
FMG-04J
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
600
V
Maximum RMS Voltage
Vrms
420
V
Maximum DC blocking Voltage
Vdc
600
V
Maximum Average Forward Rectified
at Tc =100
°C
If(av)
4.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
Ifsm
90
A
Maximum Forward Voltage at rated Forward
Current and 25
°C at 4A
Vf
2.5
V
Maximum Reverse Recovery Time
(Note 1)
Trr
35
nS
Typical thermal resistance junction to case
RθJc
5.0
°C/W
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =125
°C
Ir
10
100
µA
µA
Storage and Operating Temperature Range
Tstg, Tj
-55 to +150
°C
Note:
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A


同様の部品番号 - FMG-04J

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
FMG-06J GULFSEMI-FMG-06J Datasheet
71Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT: 6.0A
More results

同様の説明 - FMG-04J

メーカー部品番号データシート部品情報
logo
Gulf Semiconductor
C10TJ GULFSEMI-C10TJ Datasheet
143Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
FESP10J GULFSEMI-FESP10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
MUR460-E GULFSEMI-MUR460-E Datasheet
135Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 600V CURRENT: 4.0A
RESA08J GULFSEMI-RESA08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESA10J GULFSEMI-UESA10J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UESP04D GULFSEMI-UESP04D Datasheet
57Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 4.0A
UESP10J GULFSEMI-UESP10J Datasheet
82Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA10J GULFSEMI-UGSA10J Datasheet
106Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSA12J GULFSEMI-UGSA12J Datasheet
92Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:12.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com