| データシートサーチシステム |
|
7448640407 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
7448640407 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
3 / 3 page ![]() Kunde / customer : Artikelnummer / part number : Bezeichnung : description : Stangenspezifikation / tube specification: L 525 mm H 31 mm B 24,5 mm Menge: 23 Stück/Stange quantity: 23 pieces/tube .................................................................................. .................................................................................. MST Version 1 09-08-06 Name Änderung / modification Datum / date Würth Elektronik Freigabe erteilt / general release: Kunde / customer .................................................................................. Geprüft / checked 7448640407 STROMKOMPENSIERTE DROSSEL WE-FC DATUM / DATE : 2009-08-06 I Stangenspezifikation / tube specification: Spezifikation für Freigabe / specification for release Datum / date http://www.we-online.com Kontrolliert / approved D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG Würth Elektronik eiSos GmbH & Co. KG Unterschrift / signature CURRENT-COMPENSATED CHOKE WE-FC .................................................................... This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. B L H SEITE 3 VON 3 |