| データシートサーチシステム |
|
CDCE925PWR データシート(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CDCE925PWR データシート(HTML) 15 Page - Texas Instruments |
|
15 / 27 page ![]() CDCE925 CDCEL925 www.ti.com SCAS847F – JULY 2007 – REVISED MARCH 2010 SDA/SCL CONFIGURATION REGISTERS The clock input, control pins, PLLs, and output stages are user configurable. The following tables and explanations describe the programmable functions of the CDCE925/CDCEL925. All settings can be manually written into the device via the SDA/SCL bus or easily programmed by using the TI Pro-Clock™ software. TI Pro-Clock™ software allows the user to quickly make all settings and automatically calculates the values for optimized performance at lowest jitter. Table 7. SDA/SCL Registers Address Offset Register Description Table 00h Generic Configuration Register Table 9 10h PLL1 Configuration Register Table 10 20h PLL2 Configuration Register Table 11 The grey-highlighted bits, described in the Configuration Registers tables in the following pages, belong to the Control Terminal Register. The user can predefine up to eight different control settings. These settings then can be selected by the external control pins, S0, S1, and S2. Table 8 explains the corresponding bit assignment between the Control Terminal Register and the Configuration Registers. Table 8. Configuration Register, External Control Terminals Y1 PLL1 Settings PLL2 Settings Output Frequency SSC Output Frequency SSC Output External Control Pins Selection Selection Selection Selection Selection Selection Selection S2 S1 S0 Y1 FS1 SSC1 Y2Y3 FS2 SSC2 Y4Y5 0 0 0 0 Y1_0 FS1_0 SSC1_0 Y2Y3_0 FS2_0 SSC2_0 Y4Y5_0 1 0 0 1 Y1_1 FS1_1 SSC1_1 Y2Y3_1 FS2_1 SSC2_1 Y4Y5_1 2 0 1 0 Y1_2 FS1_2 SSC1_2 Y2Y3_2 FS2_2 SSC2_2 Y4Y5_2 3 0 1 1 Y1_3 FS1_3 SSC1_3 Y2Y3_3 FS2_3 SSC2_3 Y4Y5_3 4 1 0 0 Y1_4 FS1_4 SSC1_4 Y2Y3_4 FS2_4 SSC2_4 Y4Y5_4 5 1 0 1 Y1_5 FS1_5 SSC1_5 Y2Y3_5 FS2_5 SSC2_5 Y4Y5_5 6 1 1 0 Y1_6 FS1_6 SSC1_6 Y2Y3_6 FS2_6 SSC2_6 Y4Y5_6 7 1 1 1 Y1_7 FS1_7 SSC1_7 Y2Y3_7 FS2_7 SSC2_7 Y4Y5_7 Address Offset(1) 04h 13h 10h–12h 15h 23h 20h–22h 25h (1) Address Offset refers to the byte address in the Configuration Register in Table 9, Table 10, and Table 11. Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Link(s): CDCE925 CDCEL925 |