データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DTC124EE データシート(PDF) 1 Page - Micro Commercial Components

部品番号 DTC124EE
部品情報  NPN Digital Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC124EE データシート(HTML) 1 Page - Micro Commercial Components

  DTC124EE Datasheet HTML 1Page - Micro Commercial Components DTC124EE Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DTC124EE
Digital Transistors
Features
•
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors
•
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects.
•
Only the on/off conditions need to be set for operation, making
device design easy
Absolute maximum ratings @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
---
50
---
V
VIN
Input voltage
-10
---
40
V
Pd
Power dissipation
---
150
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
---
---
0.5
V
VI(on)
Input voltage (VCC=5V, IO=100
­A)
(VO=0.2V, IO=5mA)
3.0
---
---
V
VO(on)
Output voltage (IO/II=10mA/0.5mA)
---
0.1
0.3
V
II
Input current (VI=5V)
---
---
0.36
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
­A
GI
DC current gain (VO=5V, IO=5mA)
56
---
---
R1
Input resistance
15.4
22
R2/R1
Resistance ratio
0.8
1.0
1.2
fT
Transition frequency
(VCE=10V, IE=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
3
200
9/02/11
NPN
28.6
K
¡
IO
IC(MAX)
Output current
---
30
100
---
mA
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
3
1
2
1. IN
2. GND
3. OUT
TM
Micro Commercial Components
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
and MSL Rating 1
www.mccsemi.com
1 of 2
*Marking: 25


同様の部品番号 - DTC124EE

メーカー部品番号データシート部品情報
logo
Rohm
DTC124EE ROHM-DTC124EE Datasheet
70Kb / 3P
Digital transistors (built-in resistors)
DTC124EE ROHM-DTC124EE Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
logo
Weitron Technology
DTC124EE WEITRON-DTC124EE Datasheet
429Kb / 13P
Bias Resistor Transistor NPN Silicon
logo
Micro Commercial Compon...
DTC124EE MCC-DTC124EE Datasheet
1,015Kb / 1P
NPN Digital Transistors
logo
SeCoS Halbleitertechnol...
DTC124EE SECOS-DTC124EE Datasheet
208Kb / 2P
NPN Digital Transistors (Built-in Resistors)
More results

同様の説明 - DTC124EE

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
DTC144EUA MCC-DTC144EUA Datasheet
440Kb / 2P
NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_09 Datasheet
89Kb / 2P
NPN Digital Transistors
DTC114ECA MCC-DTC114ECA_11 Datasheet
221Kb / 3P
NPN Digital Transistors
DTC114YKA MCC-DTC114YKA_1 Datasheet
268Kb / 3P
NPN Digital Transistors
DTC114YUA MCC-DTC114YUA_11 Datasheet
202Kb / 2P
NPN Digital Transistors
DTC143ZE MCC-DTC143ZE Datasheet
228Kb / 3P
NPN Digital Transistors
logo
Cystech Electonics Corp...
DTC114EY3 CYSTEKEC-DTC114EY3 Datasheet
286Kb / 6P
NPN Digital Transistors
DTC124EC3 CYSTEKEC-DTC124EC3 Datasheet
280Kb / 6P
NPN Digital Transistors
DTC143ZC3 CYSTEKEC-DTC143ZC3 Datasheet
283Kb / 6P
NPN Digital Transistors
DTC144TC3 CYSTEKEC-DTC144TC3 Datasheet
279Kb / 6P
NPN Digital Transistors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com