| データシートサーチシステム |
|
SN74LVC1G19 データシート(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G19 データシート(HTML) 4 Page - Texas Instruments |
|
4 / 19 page ![]() www.ti.com Recommended Operating Conditions (1) SN74LVC1G19 1-OF-2 DECODER/DEMULTIPLEXER SCES464E – JUNE 2003 – REVISED FEBRUARY 2007 MIN MAX UNIT Operating 1.65 5.5 VCC Supply voltage V Data retention only 1.5 VCC = 1.65 V to 1.95 V 0.65 × V CC VCC = 2.3 V to 2.7 V 1.7 VIH High-level input voltage V VCC = 3 V to 3.6 V 2 VCC = 4.5 V to 5.5 V 0.7 × V CC VCC = 1.65 V to 1.95 V 0.35 × V CC VCC = 2.3 V to 2.7 V 0.7 VIL Low-level input voltage V VCC = 3 V to 3.6 V 0.8 VCC = 4.5 V to 5.5 V 0.3 × V CC VI Input voltage 0 5.5 V VO Output voltage 0 VCC V VCC = 1.65 V –4 VCC = 2.3 V –8 IOH High-level output current –16 mA VCC = 3 V –24 VCC = 4.5 V –32 VCC = 1.65 V 4 VCC = 2.3 V 8 IOL Low-level output current 16 mA VCC = 3 V 24 VCC = 4.5 V 32 VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V 20 ∆t/∆v Input transition rise or fall rate VCC = 3.3 V ± 0.3 V 10 ns/V VCC = 5 V ± 0.5 V 5 TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback |