| データシートサーチシステム |
|
SN74LVC1G19DRYR データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LVC1G19DRYR データシート(HTML) 2 Page - Texas Instruments |
|
2 / 19 page ![]() www.ti.com Y 0 Y 1 SN74LVC1G19 1-OF-2 DECODER/DEMULTIPLEXER SCES464E – JUNE 2003 – REVISED FEBRUARY 2007 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) SN74LVC1G19YZPR NanoFree™ – WCSP (DSBGA) Reel of 3000 _ _ _CY_ 0.23-mm Large Bump – YZP (Pb-free) SN74LVC1G19YZPRB SON – DRY Reel of 4000 SN74LVC1G19DRYR CY_ SN74LVC1G19DBVR SOT (SOT-23) – DBV Reel of 3000 CY_ SN74LVC1G19DBVRE4 –40 °C to 85°C SN74LVC1G19DCKR SOT (SC-70) – DCK Reel of 3000 SN74LVC1G19DCKRE4 CY_ SN74LVC1G19DCKRG4 SN74LVC1G19DRLR SOT (SOT-553) – DRL Reel of 4000 CY_ SN74LVC1G19DRLRG4 (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBV/DCK/DRL/DRY: The actual top-side marking has one additional character that designates the assembly/test site. YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free). FUNCTION TABLE INPUTS OUTPUTS E A Y0 Y1 L L L H L H H L H X H H LOGIC DIAGRAM (POSITIVE LOGIC) 2 Submit Documentation Feedback |