| データシートサーチシステム |
|
JN1KS04MK2-R データシート(PDF) 6 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN1KS04MK2-R データシート(HTML) 6 Page - Japan Aviation Electronics Industry, Ltd. |
|
6 / 22 page ![]() MB-0054-8 6/22 JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd. Ordering Information Series Connection Method U: Through-hole pin M: Pin with solder S: Crimp socket F: Socket with solder Mating Key Type None: Normal X: Angle changed product Contact Size K: #20 L: #22 Shell Size S: connection outer dia. (10 dia. to 15 dia.) Receptacle / Plug Connector Type A: Panel mount receptacle D: Straight plug E: Individual plug F: Angle plug Modification No. (Note 1) JN1 H S 10 P L * S Connection Method P: Crimp pin M: Pin with solder Relay Receptacle JN1 A S 10 U L * * -R No. of Contacts 04: 4 pins 10:10 pins Modification No. (Note 1) Contact Size K: #20 L: #22 No. of Contacts 04: 4 pins 10:10 pins Series Connector Type H: For cable connection (without flange) K: For wall mounting relay type (with flange) Shell Size S: Connection outer dia. (10 dia. to 15 dia.) [JN1] Version Code Assembly Nut Shape S: Slim |