| データシートサーチシステム |
|
JN2DS10SL1-R データシート(PDF) 8 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JN2DS10SL1-R データシート(HTML) 8 Page - Japan Aviation Electronics Industry, Ltd. |
|
8 / 22 page ![]() MB-0054-8 8/22 JAE PMK Div. Proprietary. Copyright © 2009, Japan Aviation Electronics Industry, Ltd. Part Number List Waterproof (when mated), solder pin, cable dia. 20 max., kit type (with four types of rubber bushing) 107658 JN1HS04MKKS Waterproof (when mated), solder socket, individual wire type 037181 JN1DS04FKB JN1, 2 Receptacle (4, 10pos.) for waterproof, IP67 035565 J025-52209 Waterproof Cap Waterproof (when mated), solder pin, cable dia. 4.7 to 5.7, Outer diameter: 20 dia. max. 105841 JN1HS04MK4S Wall Mount Receptacle Waterproof (when mated), solder pin, cable dia. 6.5 to 8.0 105206 JN1HS04MK2-R Waterproof (when mated), solder pin, cable dia. 5.7 to 7.3 105207 JN1KS04MK1-R Waterproof (when mated), solder pin, cable dia. 5.7 to 7.3 105206 JN1HS04MK1-R Cable Connecting Receptacle Waterproof (when mated), solder pin, cable dia. 6.5 to 8.0 105207 JN1KS04MK2-R JN1 Waterproof (when mated), solder socket kit type (with two types of rubber bushing), X position 035968 JN1FS04FKKX Waterproof (when mated), solder socket cable dia. 5.7 to 7.3 035610 JN1FS04FK1 90 Degree Angle Plug Waterproof (when mated), solder socket cable dia. 5.7 to 7.3, X position 035610 JN1FS04FK1X Waterproof (when mated), solder socket cable dia. 6.5 to 8.0 035610 JN1FS04FK2 Waterproof (when mated), solder socket cable dia. 6.5 to 8.0, X position 035610 JN1FS04FK2X Waterproof (when mated), solder socket kit type (with two types of rubber bushing) 035968 JN1FS04FKK Waterproof (when mated), solder socket cable dia. 5.7 to 7.3 035666 JN1DS04FK1 Straight Plug Individually waterproofed, solder pin, X position 035649 JN1AS04MK1X Individually waterproofed, solder pin 035649 JN1AS04MK1 Square Flange Receptacle 4 Waterproof (when mated), solder socket kit type (with two types of rubber bushing), X position 035969 JN1DS04FKKX 035969 035666 035666 035666 SJ Drawing Waterproof (when mated), solder socket kit type (with two types of rubber bushing) JN1DS04FKK Waterproof (when mated), solder socket cable dia. 6.5 to 8.0, X position JN1DS04FK2X Waterproof (when mated), solder socket cable dia. 6.5 to 8.0 JN1DS04FK2 Waterproof (when mated), solder socket cable dia. 5.7 to 7.3, X position JN1DS04FK1X Performance / Shape Part Number Type No. of Con tacts |