データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

B25620B1237K101 データシート(PDF) 3 Page - EPCOS

部品番号 B25620B1237K101
部品情報  Film capacitors- Power electronic capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EPCOS [EPCOS]
ホームページ  http://www.epcos.com
Logo EPCOS - EPCOS

B25620B1237K101 データシート(HTML) 3 Page - EPCOS

  B25620B1237K101 Datasheet HTML 1Page - EPCOS B25620B1237K101 Datasheet HTML 2Page - EPCOS B25620B1237K101 Datasheet HTML 3Page - EPCOS B25620B1237K101 Datasheet HTML 4Page - EPCOS B25620B1237K101 Datasheet HTML 5Page - EPCOS B25620B1237K101 Datasheet HTML 6Page - EPCOS B25620B1237K101 Datasheet HTML 7Page - EPCOS B25620B1237K101 Datasheet HTML 8Page - EPCOS B25620B1237K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Film capacitors – Power electronic capacitors
MKP PEC DC
B2562*
Preliminary data
FK PEC
June 2010
Page 3 of 10
.
General Technical Information
The following definitions apply to power capacitors according to IEC 61071.
Rated capacitance CR
Nominal value of the capacitance at 20 °C and measuring frequency range of 50 to 120 Hz.
Rated DC voltage VR
Maximum operating peak voltage of either polarity but of a non-reversing type wave form, for which
the capacitor has been designed, for continuous operation.
Ripple voltage Vr
Peak-to-peak alternating component of the unidirectional voltage.
Maximum surge voltage Vs
Peak voltage induced by a switching or any other disturbance of the system which is allowed for a
limited number of times and duration.
- Maximum duration: 50 ms / pulse
- Maximum number of occurrences: 1000 (during load)
Insulation voltage Vi
Rms rated value of the insulation voltage of capacitive elements and terminals to case or earth. When
it is not specified in the product data sheet, the insulation voltage is at least:
Vi =
2
V
R
Maximum rate of voltage rise (dV/dt)max
Maximum permissible repetitive rate of voltage rise of the operational voltage.
Maximum current Imax
Maximum rms current for continuous operation.
Maximum peak current Î
Maximum permissible repetitive current amplitude during continuous operation.
Maximum peak current (Î) and maximum rate of voltage rise (dV/dt)max on a capacitor are related as
follows:
Î
= C (dV/dt)max
Maximum surge current Î s
Admissible peak current induced by a switching or any other disturbance of the system which is
allowed for a limited number of times (1000 times) and duration (50 ms / pulse).
Îs = C (dV/dt)s
Ambient temperature Θ
Θ
Θ
ΘA
Temperature of the surrounding air, measured at 10 cm distance and 2/3 of the case height of the
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10