| データシートサーチシステム |
|
TUSB1106RTZRG4 データシート(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB1106RTZRG4 データシート(HTML) 4 Page - Texas Instruments |
|
4 / 33 page ![]() www.ti.com TUSB1105, TUSB1106 ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVERS SCAS818D – MAY 2006 – REVISED FEBRUARY 2008 TERMINAL FUNCTIONS (continued) TERMINAL TUSB1105 TUSB1106 I/O DESCRIPTION PIN NO. PIN NO. NAME(1) RGT RTZ PW RTZ GND Die pad Die pad 8 6 Ground supply(2) Supply voltage for digital I/O pins (1.65 to 3.6 V). When VCC(I/O) is not connected, the D+ and D– pins are in 3-state. This supply pin is VCC(I/O) 7 7 9 7 independent of VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3) voltage. Speed selection (CMOS level with respect to VCC(I/O)). Adjusts the slew rate of differential data outputs D+ and D– according to the transmission speed. SPEED 8 8 10 8 I Input pad, push pull, CMOS. LOW – low speed (1.5 Mbit/s) HIGH – full speed (12 Mbit/s) Negative USB data bus connection (analog, differential). For low-speed D– 9 9 11 9 AI/O mode, connect to pin Vpu(3.3) via a 1.5-kΩ resistor. Positive USB data bus connection (analog, differential). For full-speed D+ 10 10 12 10 AI/O mode, connect to pin Vpu(3.3) via a 1.5-kΩ resistor. VPO/VO 11 11 I Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See Driving Function Table (pin OE = L) using single-ended input data interface for TUSB1105 (pin MODE = L), and Driving Function Table (pin OE = L) VPO 13 11 using differential input data interface for TUSB1105 (pin MODE = H) and TUSB1106 input pad. Push pull, CMOS. VMO/FSE0 12 12 I Driver data (CMOS level with respect to VCC(I/O), Schmitt trigger). See Driving Function Table (pin OE = L) using single-ended input data interface for TUSB1105 (pin MODE = L), and Driving Function Table (pin OE = L) VMO 14 12 using differential input data interface for TUSB1105 (pin MODE = H) and TUSB1106 input pad. Push pull, CMOS. Internal regulator option. Regulated supply-voltage output (3 V to 3.6 V) during 5-V operation. A decoupling capacitor of at least 0.1 mF is required Vreg(3.3) 13 13 15 13 for the regulator bypass option. Used as a supply-voltage input for 3.3 V ± 10% operation. Internal regulator option. Supply-voltage input (4 V to 5.5 V). Can be VCC(5.0) 14 14 16 14 connected directly to USB supply VBUS regulator bypass option. Connect to Vreg(3.3). Pullup supply voltage (3.3 V ± 10%). Connect an external 1.5-k Ω resistor on D+ (full speed) or D– (low speed). Pin function is controlled by input SOFTCON. Vpu(3.3) 15 15 1 15 SOFTCON = LOW – Vpu(3.3) floating (high impedance), ensures zero pullup current SOFTCON = HIGH – Vpu(3.3) = 3.3 V, internally connected to Vreg(3.3) Software-controlled USB connection. A HIGH level applies 3.3 V to pin Vpu(3.3), which is connected to an external 1.5-kΩ pullup resistor. This allows SOFTCON 16 16 2 16 I USB connect/disconnect signaling to be controlled by software input pad. Push pull, CMOS. (2) TUSB1105 ground terminal is connected to the exposed die pad (heat sink). The package die pad is open on the TUSB1106. 4 Submit Documentation Feedback Copyright © 2006–2008, Texas Instruments Incorporated Product Folder Link(s): TUSB1105 TUSB1106 |