| データシートサーチシステム |
|
NSPWR70CSS-K1 データシート(PDF) 3 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NSPWR70CSS-K1 データシート(HTML) 3 Page - NICHIA CORPORATION |
|
3 / 15 page ![]() -2- Correspondence table of Color Coordinates – Luminous Flux ranks Ranking by Luminous Flux Ranking by Color Coordinates P7 P8 P9 b3, b4, b5, b6 c0 Shaded ranks are available. 2.INITIAL OPTICAL/ELECTRICAL CHARACTERISTICS Please refer to “CHARACTERISTICS” on the following pages. 3.OUTLINE DIMENSIONS AND MATERIALS Please refer to “OUTLINE DIMENSIONS” on the following page. 4.PACKAGING · The LEDs are packed in cardboard boxes after packaging in stick. Please refer to “STICK DIMENSIONS” and “PACKING” on the following pages. The label on the packing unit shows ; Part Number, Lot Number, Ranking, Quantity · In order to protect the LEDs from mechanical shock, we pack them in cardboard boxes for transportation. · The LEDs may be damaged if the boxes are dropped or receive a strong impact against them, so precautions must be taken to prevent any damage. · The boxes are not water resistant and therefore must be kept away from water and moisture. · When the LEDs are transported, we recommend that you use the same packing method as Nichia. 5.LOT NUMBER The first six digits number shows lot number. The lot number is composed of the following characters; - - Year ( 8 for 2008, 9 for 2009 ) - Month ( 1 for Jan., 9 for Sep., A for Oct., B for Nov. ) - Nichia's Product Number - Ranking by Color Coordinates, Ranking by Luminous Flux Nichia STS-DA1-0230C <Cat.No.090428> |