データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PACUSB-U3 データシート(PDF) 7 Page - ON Semiconductor

部品番号 PACUSB-U3
部品情報  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U3 データシート(HTML) 7 Page - ON Semiconductor

  PACUSB-U3 Datasheet HTML 1Page - ON Semiconductor PACUSB-U3 Datasheet HTML 2Page - ON Semiconductor PACUSB-U3 Datasheet HTML 3Page - ON Semiconductor PACUSB-U3 Datasheet HTML 4Page - ON Semiconductor PACUSB-U3 Datasheet HTML 5Page - ON Semiconductor PACUSB-U3 Datasheet HTML 6Page - ON Semiconductor PACUSB-U3 Datasheet HTML 7Page - ON Semiconductor PACUSB-U3 Datasheet HTML 8Page - ON Semiconductor PACUSB-U3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PACUSB-U1/U2/U3
Rev. 2 | Page 7 of 9 | www.onsemi.com
Mechanical Details
PACUSB-U1/U2/U3 devices are available in 6-pin SC70 and 6-pin SOT23 packages.
SC70 Mechanical Specifications
Dimensions for the PACUSB-U1/U2/U3 supplied in a SC70-6 package are presented below.
For complete information on the SC70, see the California Micro Devices SC70 Package Information document.
PACKAGE DIMENSIONS
Package
MO-203 Issue A
Pins
6
Millimeters
Dimensions
Min
Max
A
0.80
1.10
A1
0.00
0.10
A2
0.70
1.00
B
0.15
0.30
c
0.08
0.25
D
1.85
2.25
E
1.15
1.35
e
0.65 BSC
HE
2.00
2.40
L
0.26
0.46
# per
tape and reel
3000 pcs
TOP VIEW
12
3
65
4
e
e
B
A
SIDE VIEW
L
END VIEW
D
A2
A1
c
E HE
Package Dimensions for SC70-6.



Html Pages

1 2 3 4 5 6 7 8 9