データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PACDN045YB6R-R データシート(PDF) 17 Page - ON Semiconductor

部品番号 PACDN045YB6R-R
部品情報  Transient Voltage Suppressors and ESD Protectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN045YB6R-R データシート(HTML) 17 Page - ON Semiconductor

Back Button PACDN045YB6R-R Datasheet HTML 13Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 14Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 15Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 16Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 17Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 18Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 19Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 20Page - ON Semiconductor PACDN045YB6R-R Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
PACDN042/43/44/45/46
Rev. 4 | Page 17 of 24 | www.onsemi.com
Mechanical Details (continued)
SOT23-6 Mechanical Specifications:
The PACDN045Y6R is supplied in a 6-pin SOT23 package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package
SOT23-6
JEDEC No.
MO-178 (Var. AB)
Pins/Leads
6
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
--
1.45
--
0.0571
A1
0.00
0.15
0.0000
0.0059
b
0.30
0.50
0.0118
0.0197
c
0.08
0.22
0.0031
0.0087
D
2.75
3.05
0.1083
0.1201
E
2.60
3.00
0.1024
0.1181
E1
1.45
1.75
0.0571
0.0689
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.60
0.0118
0.0236
L1
0.60 REF
0.0236REF
# per tape
and reel
3000 pieces
Controlling dimension: millimeters
TOP VIEW
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
65
4
e1
e
E1 E
b
Package Dimensions for SOT23-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24