データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PACUSB-U2R データシート(PDF) 8 Page - ON Semiconductor

部品番号 PACUSB-U2R
部品情報  Upstream USB Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACUSB-U2R データシート(HTML) 8 Page - ON Semiconductor

  PACUSB-U2R Datasheet HTML 1Page - ON Semiconductor PACUSB-U2R Datasheet HTML 2Page - ON Semiconductor PACUSB-U2R Datasheet HTML 3Page - ON Semiconductor PACUSB-U2R Datasheet HTML 4Page - ON Semiconductor PACUSB-U2R Datasheet HTML 5Page - ON Semiconductor PACUSB-U2R Datasheet HTML 6Page - ON Semiconductor PACUSB-U2R Datasheet HTML 7Page - ON Semiconductor PACUSB-U2R Datasheet HTML 8Page - ON Semiconductor PACUSB-U2R Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PACUSB-U1/U2/U3
Rev.2 | Page 8 of 9 | www.onsemi.com
Mechanical Details (continued)
SOT23 Mechanical Specifications
Dimensions for the PACUSB-U1/U2/U3 supplied in a SOT23-6 package are presented below.
For complete information on the SOT23 , see the California Micro Devices SOT23 Package Information
document.
PACKAGE DIMENSIONS
Package
MO-178
Pins
6
Millimeters
Inches
Dimensions
Min
Max
Min
Max
A
--
1.45
--
0.057
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.60
3.00
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.60 REF
0.0236 REF
# per tape
and reel
3000 pcs
Controlling dimension: inches
TOP VIEW
A
SIDE VIEW
D
A1
L1
END VIEW
c
L
12
3
65
4
e1
e
E1 E
b
Package Dimensions for SOT23-6.



Html Pages

1 2 3 4 5 6 7 8 9