| データシートサーチシステム |
|
3SF4 データシート(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
3SF4 データシート(HTML) 2 Page - Semtech Corporation |
|
2 / 5 page ![]() 2 © 2010 Semtech Corp. www.semtech.com POWER DISCRETES 1N5415 THRU 1N5420 3SF05 THRU 3SF6 Electrical Specifications l o b m y S 5 1 4 5 N 1 5 0 F S 3 6 1 4 5 N 1 1 F S 3 7 1 4 5 N 1 2 F S 3 8 1 4 5 N 1 4 F S 3 9 1 4 5 N 1 5 F S 3 0 2 4 5 N 1 6 F S 3 s t i n U . x a m t n e r r u C d r a w r o F e g a r e v A T , e v a w e n i s r o f A C ° 5 5 = I ) V A ( F 0 . 3 A . x a m t n e r r u C d r a w r o F e g a r e v A T ( L ) " 8 / 3 = L ; C ° 5 5 = e v a w e n i s r o f e v a w e r a u q s r o f I ) V A ( F I ) V A ( F 4 . 4 5 . 4 A I2 x a m ) S m 3 . 8 = t ( g n i s u f r o f t I2t 0 9 A2S . x a m p o r D e g a t l o V d r a w r o F I @ F T , A 0 . 3 = j C ° 5 2 = V F 1 . 1 V . x a m t n e r r u C e s r e v e R V @ M W R 5 2 = j T , C ° V @ M W R 0 0 1 = j T , C ° I R I R 0 . 1 0 2 A µ . x a m e m i T y r e v o c e R e s r e v e R I A 5 . 0 F I A 0 . 1 o t M R A 5 2 . 0 o t s r e v o c e r I ) C E R ( M R r r t 0 5 1 0 5 1 0 5 1 0 5 1 0 5 2 0 0 4 S n . p y t e c n a t i c a p a C n o i t c n u J V @ R z H M 1 = f , V 4 = j C 0 5 5 0 3 4 0 5 2 5 6 1 0 4 1 0 2 1 F p l o b m y S 5 1 4 5 N 1 5 0 F S 3 6 1 4 5 N 1 1 F S 3 7 1 4 5 N 1 2 F S 3 8 1 4 5 N 1 4 F S 3 9 1 4 5 N 1 5 F S 3 0 2 4 5 N 1 6 F S 3 s t i n U d a e L o t n o i t c n u J - e c n a t s i s e R l a m r e h T " 5 7 3 . 0 = h t g n e l d a e L " 0 . 0 = h t g n e l d a e L Rθ L J Rθ L J 0 2 4 W / C ° o t n o i t c n u J - e c n a t s i s e R l a m r e h T . z o 1 . b c p k c i h t " 6 0 . 0 n o t n e i b m A r e p p o c Rθ A J 5 7 W / C ° Thermal Characteristics |