| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 221 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 221 Page - Freescale Semiconductor, Inc |
|
221 / 500 page ![]() M68HC16 Z SERIES QUEUED SERIAL MODULE USER’S MANUAL 9-11 Figure 9-5 Flowchart of QSPI Master Operation (Part 1) READ COMMAND CONTROL AND TRANSMIT DATA FROM RAM USING QUEUE POINTER ADDRESS A1 WORKING QUEUE POINTER CHANGED TO NEWQP IS QSPI DISABLED N Y N EXECUTE SERIAL TRANSFER STORE RECEIVED DATA IN RAM USING QUEUE POINTER ADDRESS B1 QSPI CYCLE BEGINS (MASTER MODE) Y ASSERT PERIPHERAL CHIP-SELECT(S) IS PCS TO SCK DELAY PROGRAMMED N EXECUTE STANDARD DELAY Y EXECUTE PROGRAMMED DELAY HAS NEWQP BEEN WRITTEN QSPI FLOW 2 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |