| データシートサーチシステム |
|
SPMCK16Z4MPV16 データシート(PDF) 224 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV16 データシート(HTML) 224 Page - Freescale Semiconductor, Inc |
|
224 / 500 page ![]() QUEUED SERIAL MODULE M68HC16 Z SERIES 9-14 USER’S MANUAL Figure 9-8 Flowchart of QSPI Slave Operation (Part 1) READ TRANSMIT DATA FROM RAM USING QUEUE POINTER ADDRESS A2 QUEUE POINTER CHANGED TO NEWQP N Y N WRITE QUEUE POINTER TO CPTQP STATUS BITS STORE RECEIVED DATA IN RAM USING QUEUE POINTER ADDRESS B2 QSPI CYCLE BEGINS (SLAVE MODE) Y EXECUTE SERIAL TRANSFER WHEN SCK RECEIVED N Y IS SLAVE SELECT PIN ASSERTED HAS NEWQP BEEN WRITTEN IS QSPI DISABLED QSPI SLV1 FLOW 5 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |