| データシートサーチシステム |
|
SPMCK16Z4MPV20 データシート(PDF) 363 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 データシート(HTML) 363 Page - Freescale Semiconductor, Inc |
|
363 / 500 page ![]() M68HC16 Z SERIES MECHANICAL DATA AND ORDERING INFORMATION USER’S MANUAL B-7 Figure B-6 Case 918 — 144-Pin Package Dimensions N 0.20 T L–M 144 GAGE PLANE 73 109 37 SEATING 108 1 36 72 PLANE 4X 4X 36 TIPS PIN 1 IDENT VIEW Y B B1 V1 A1 S1 V P G A S 0.1 C 2 q VIEW AB J1 J1 140X 4X VIEW Y PLATING F AA J D BASE METAL SECTION J1–J1 (ROTATED 90 ) 144 PL _ N 0.08 M T L–M q DIM A MIN MAX 20.00 BSC MILLIMETERS A1 10.00 BSC B 20.00 BSC B1 10.00 BSC C 1.40 1.60 C1 0.05 0.15 C2 1.35 1.45 D 0.17 0.27 E 0.45 0.75 F 0.17 0.23 G 0.50 BSC J 0.09 0.20 K 0.50 REF P 0.25 BSC R1 0.13 0.20 R2 0.13 0.20 S 22.00 BSC S1 11.00 BSC V 22.00 BSC V1 11.00 BSC Y 0.25 REF Z 1.00 REF AA 0.09 0.16 q 0 q 0 7 q 11 13 1 2 NOTES: 1. DIMENSIONS AND TOLERANCING PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. DATUMS L, M, N TO BE DETERMINED AT THE SEATING PLANE, DATUM T. 4. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE, DATUM T. 5. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER SIDE. DIMENSIONS A AND B DO INCLUDE MOLD MISMATCH AND ARE DETERMINED AT DATUM PLANE H. 6. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE D DIMENSION TO EXCEED 0.35. _ _ _ _ _ 0.05 CL (Z) R2 E C2 (Y) R1 (K) C1 1 q 0.25 VIEW AB N 0.20 T L–M M L N 2 q T T 144X X X=L, M OR N Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |