| データシートサーチシステム |
|
SPMCK16Z4MPV20 データシート(PDF) 92 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPMCK16Z4MPV20 データシート(HTML) 92 Page - Freescale Semiconductor, Inc |
|
92 / 500 page ![]() CENTRAL PROCESSING UNIT M68HC16 Z SERIES 4-32 USER’S MANUAL Table 4-4 CPU16 Implementation of M68HC11 CPU Instructions M68HC11 Instruction CPU16 Implementation BHS BCC only BLO BCS only BSR Generates a different stack frame CLC Replaced by ANDP CLI Replaced by ANDP CLV Replaced by ANDP DES Replaced by AIS DEX Replaced by AIX DEY Replaced by AIY INS Replaced by AIS INX Replaced by AIX INY Replaced by AIY JMP IND8 and EXT addressing modes replaced by IND20 and EXT20 modes JSR IND8 and EXT addressing modes replaced by IND20 and EXT20 modes. Generates a different stack frame LSL, LSLD Use ASL instructions1 NOTES: 1. Freescale assemblers automatically translate ASL mnemonics. PSHX Replaced by PSHM PSHY Replaced by PSHM PULX Replaced by PULM PULY Replaced by PULM RTI Reloads PC and CCR only RTS Uses two-word stack frame SEC Replaced by ORP SEI Replaced by ORP SEV Replaced by ORP STOP Replaced by LPSTOP TAP CPU16 CCR bits differ from M68HC11 CPU16 interrupt priority scheme differs from M68HC11 TPA CPU16 CCR bits differ from M68HC11 CPU16 interrupt priority scheme differs from M68HC11 TSX Adds two to SK : SP before transfer to XK : IX TSY Adds two to SK : SP before transfer to YK : IY TXS Subtracts two from XK : IX before transfer to SK : SP TXY Transfers XK field to YK field TYS Subtracts two from YK : IY before transfer to SK : SP TYX Transfers YK field to XK field WAI Waits indefinitely for interrupt or reset Generates a different stack frame Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |